|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LBT07060 MHz SAW Filter Electrical Characteristic Specifications Parameter Center Frequency Insertion Loss 3 dB Bandwidth 21 dB Bandwidth 31 dB Bandwidth 40 dB Bandwidth Passband variation Absolute Delay Group Delay Variation Ultimate Rejection(f0 5MHz) Substrate Material Ambient Temperature Package Size Unit MHz dB MHz Minimum 69.9 3.3 Typical 70 23.6 3.38 4.22 4.39 4.50 0.5 2.84 Maximum 70.1 25 3.45 4.25 4.50 5.30 1.0 3.0 150 MHz dB usec nsec dB C DIP3512 50 50 55 112 LT 25 (35.0x12.7x5.2mm3) Typical Performance Type Performance -23.6586 -33.6586 -43.6586 Magnitude(dB) -53.6586 -63.6586 -73.6586 -83.6586 -93.6586 -103.6586 63.6 65.2 66.8 68.4 70 71.6 73.2 74.8 76.4 Frequency(MHz) Package Outline Matching Configurati on |
Price & Availability of LBT07060 |